Part Number Hot Search : 
P12NM50 060CT 00DT1 P0603 10X20 TEG2411 72063 AS321K
Product Description
Full Text Search
 

To Download 2SD2402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxia 2SD2402
Transistors
Features
High current capacitance. Low collector saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) * Base current Base current (pulse) * Total power dissipation Junction temperature Storage temperature * PW 10 ms, duty cycle 50 % Symbol VCBO VCEO VEBO IC ICP IB IBP PT Tj Tstg Rating 50 30 6 5 8 0.2 0.4 2 150 -55 to +150 Unit V V V A A A A W
www.kexin.com.cn
1
SMD Type
2SD2402
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Base to emitter voltage * Collector saturation voltage Base saturation voltage Gain bandwidth product Output capacitance Turn-on time Storage time Fall time Symbol ICBO IEBO hFE 1 hFE 2 VBE Testconditons VCB = 50 V, IE = 0 VEB = 6.0 V, IC = 0 VCE = 1.0 V, IC =1.0 A VCE = 1.0 V, IC = 2.0 A VCE = 1.0 V, IC = 0.1 A
Transistors
Min
Typ
Max 100 100
Unit nA nA
80 100 600 200 650 140 230 0.88 170 60 275 485 45 400 700 300 500 1.2 mV mV mV V MHz pF ns ns ns
VCE(sat) 1 IC = 3 V, IB = 0.15 A VCE(sat) 2 IC = 5 V, IB = 0.25 A VBE(sat) IC = 3 V, IB = 0.15 A fT Cob ton tstg tf VCE = 10 V, IE = -0.5 A VCB = 10 V, IE = 0 , f = 1.0 MHz IC = 2.0 A, VCC= 10 V IB1 = -IB2 = 0.1 A RL = 500U
hFE Classification
Marking hFE EX 100 200 EY 160 320 EZ 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD2402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X